PART |
Description |
Maker |
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
V7AH-05B330 S7AH-05B S7AH-05B120 S7AH-05B150 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
ZUS1R52405 ZUS62405 ZUS32412 |
DC-DC Converters PCB Mount type Rated input 5V, 12V, 24V or 48V DC Io=100%. 20max (Minimum input, Io=100%)
|
List of Unclassifed Manufacturers
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
MHP10-48S05 MHP10-24S3V3 MHP10-12S3V3 |
Single and dual output 10 Watt Wide input DC/DC converters 单和双输10瓦特宽输入DC / DC转换 Single and dual output 10 Watt Wide input DC/DC converters 单和双输0瓦特宽输入DC / DC转换
|
ITT, Corp.
|
MHE1205S MHE1205SF_ES MHE1212SF_ES MHE1215SF_ES MH |
DC/DC CONVERTERS 12 AND 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
TC8-13S242.5R TC8-13S482.5R TC8-17S243.3R TC8-17S4 |
DC/DC CONVERTERS 2:1 Input, 12.5 to 20 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM...
|
MFL2805S MFL2828S MFL2828S_883 MFL2815S_883 MFL280 |
DC/DC CONVERTERS 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
EC5BU-12D15 EC5BU-12S15 EC5BU-12S33 EC5BU-12S12 EC |
15 WATT 2 1 INPUT DC-DC CONVERTERS
|
List of Unclassifed Man...
|
SMTR283R3S_KR SMTR SMTR2805D_KR SMTR2805S_KR SMTR2 |
DC/DC CONVERTERS 28 VOLT INPUT
|
Interpoint Corporation ... INTERPOINT[Interpoint Corporation Company]
|